Part Number Hot Search : 
C101M KBU4K F0805 40ST1 4000T MMBZ5238 AD198 MC1906L
Product Description
Full Text Search
 

To Download EPC3145 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Flyback Transformer
ELECTRONICS INC.
EPC3145
* Used in SPMS Flyback Topolgy * Gapped Transformer * Low Core Loss Material * UL 94V-0 Recognized Components * UL 1446 Class B Insulation System * Works up to 200 KHz Switching Frequency
Primary Specification
Inductance (H 10%) 10 KHz, 0.1 Vrms 302 Pins 1-2 1.17 Pins 1-2 .030 Pins 8-7 .008 Pins 6-5 .122 Pins 3-4 DCR ( Typ.) Leakage Inductance (H Typ.) 100 KHz 0.1 Vrms 18 Pins 1-2 with 3,4,5,6,7,8 Shorted 7.916 Pins 1-2 to Pins 8-7 19.0 Pins 1-2 to Pins 6-5 13.57 Pins 1-2 to Pins 3-4 Turns Ratio 1 Minute 1500 Pri. to Sec 1 Sec. 2, Sec 3 Isolation (Vrms) 1 Minute 500 Pri., Sec 1, Sec 3 Sec. 2 to Core
Schematic
Notes : 1. Pri Ipk = 1.4 Amp 2. Pri Irms = 0.58 Amp Copper Shield 1 Pri. 2 3 Sec =3 Irms = 0.3 Amp (7 V) 4 8 Sec. =1 Irms = 3.29 Amp (12 V) 7 6 Sec. =2 Irms = 6.11 Amp (5 V) 5
Package
.787 Max. (20.00) White Dot Pin # 1
PCA EPC3145 D.C
.689 Max. (17.50)
Side
.150 Min. (3.80) .150 (3.80)
1 4
.026 (.650)
.669 Max. (17.00)
8 5
.514 (13.05)
Bottom
.201 (5.10)
.118 Max. (3.00)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3145 Rev. 5/14/03
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3145

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X